Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2035 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2035
Description  Control of whisker growth in Tin alloy coatings
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2035 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2035 Datasheet HTML 1Page - STMicroelectronics AN2035 Datasheet HTML 2Page - STMicroelectronics AN2035 Datasheet HTML 3Page - STMicroelectronics AN2035 Datasheet HTML 4Page - STMicroelectronics AN2035 Datasheet HTML 5Page - STMicroelectronics AN2035 Datasheet HTML 6Page - STMicroelectronics AN2035 Datasheet HTML 7Page - STMicroelectronics AN2035 Datasheet HTML 8Page - STMicroelectronics AN2035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN2035 - Application note
5/11
rate is virtually uniform across the Tin/Copper interface the resulting Cu6Sn5 structure has
practically no “wedges”.
The difference in the Cu6Sn5 structure is clearly demonstrated in the micrographs in
Figure 2. In these micrographs the Tin was selectively removed by chemical etching, thus
exposing the Cu6Sn5 intermetallic as well as any copper not covered by the intermetallic.
In the micrographs on the left hand side of Figure 2, the intermetallic was allowed to form at
room temperature over a period of one month. The result is a large, blocky and irregular
Cu6Sn5 structure located almost exclusively at the grain boundaries.
Note:
In this image the large flat spaces between the blocky intermetallic are exposed copper.
By contrast the image on the right hand side of Figure 2 shows a Cu6Sn5 intermetallic
formed by baking the part within 24 hours of plating at a temperature of 150°C. In this case
the image shows a very uniform layer of Cu6Sn5 with virtually no “wedges”.
Note:
All of the materials in this image are the Cu6Sn5 intermetallic. There is no exposed Copper
after etching.
Figure 2.
Microscope View of Protection by Post-bake Treatment (1 hour at 150°C)
The ability of a 150°C bake to virtually eliminate the intermetallic “wedges” that lead to large
compressive stress at the grain boundaries serves as the basis for the second component of
the whisker mitigation strategy adopted by STMicroelectronics.
The second component of the strategy to mitigate whisker growth is to apply a 1-hour 150°C
bake within 24hrs to freshly plated Matte-Tin finishes. This has several beneficial effects: the
film is annealed and stress due to atomic-level plating defects is reduced. In addition, and
more importantly, a stable and uniform Cu6Sn5 layer is created that protects against further
localized penetration of the intermetallic at grain boundaries, thus avoiding the “wedge”
effect that creates compressive stress. Furthermore, the bake creates an additional
beneficial layer of Cu3Sn, underneath the Cu6Sn5 layer.
Large and Irregular IMC
(1 month at Room Temperature)
Thin and Uniform IMC
(1 hour at 150°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com