Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD6461GS Datasheet(PDF) 51 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 51 Page - NEC

Back Button UPD6461GS Datasheet HTML 47Page - NEC UPD6461GS Datasheet HTML 48Page - NEC UPD6461GS Datasheet HTML 49Page - NEC UPD6461GS Datasheet HTML 50Page - NEC UPD6461GS Datasheet HTML 51Page - NEC UPD6461GS Datasheet HTML 52Page - NEC UPD6461GS Datasheet HTML 53Page - NEC UPD6461GS Datasheet HTML 54Page - NEC UPD6461GS Datasheet HTML 55Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
51
µPD6461, 6462
RECOMMENDED OPERATING TIMINGS (TA = –20 to +75
°C, VDD = 2.7 to 5.5 V)
Parameter
Setup time
Hold time
Minimum low level width of clock
Minimum high level width of clock
Clock cycle
CS setup time
CS hold time
Delay from CLK
↑ to CS↑
Minimum low level width of Hsync
Minimum low level width of Vsync
Conditions
Min.
200
200
400
400
1.0
400
400
400
4
4
Typ.
Max.
Unit
ns
ns
ns
ns
µs
ns
ns
ns
µs
µs
Symbol
tSET
tHOLD
tCKL
tCKH
tTCK
tCSS
tCSH
tDCKCS
tHWL
tVWL
DATA
CLK
CS
Hsync
Vsync
tVWL
10 %
tHWL
10 %
10 %
10 %
tCSH
90 %
tDCKCS
90 %
tCSS
10 %
tSET
tHOLD
90 %
90 %
10 %
tCKL
tCKH
tTCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com