Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2156 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2156 Datasheet HTML 3Page - STMicroelectronics AN2156 Datasheet HTML 4Page - STMicroelectronics AN2156 Datasheet HTML 5Page - STMicroelectronics AN2156 Datasheet HTML 6Page - STMicroelectronics AN2156 Datasheet HTML 7Page - STMicroelectronics AN2156 Datasheet HTML 8Page - STMicroelectronics AN2156 Datasheet HTML 9Page - STMicroelectronics AN2156 Datasheet HTML 10Page - STMicroelectronics AN2156 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN2156
2 - Clock management
7/24
2
Clock management
2.1
Crystal oscillator pins XTAL1, XTAL2
All current STR73x devices have an on-chip oscillator that allows the driving of external crystals
or resonators with a fundamental frequency of 4-8 MHz. The recommended circuitry for a
crystal is shown below. C1, C2 and R1 values depend greatly on the crystal type and
manufacturer. It is suggested that you ask your crystal supplier for the best values for these
components.
Figure 4.
Recommended circuitry for crystal oscillator pins XTAL1 and XTAL2
Resistor R1 is recommended for feedback stability and has a value of around 1MΩ. As the
oscillator of STR73x devices has automatic gain control, there is no need to add a resistance in
series.
The values of the load capacitors C1 and C2 are also heavily dependent on the crystal type and
frequency. For best oscillation stability they normally have the same value. Typical values are in
the range from below 10pF up to 30pF. The parasitic capacitance of the board layout also
needs to be considered and typically adds a few pF to the component values.
In the PCB layout all connections should be as short as possible. Any additional signals,
especially those that could interfere with the oscillator, should be locally separated from the
PCB area around the oscillation circuit using suitable shielding.
2.2
On-chip RC oscillator and VBias pin
All devices of the STR73x family have an on-chip RC oscillator in addition to the main oscillator.
This on-chip RC oscillator is capable of running at either 2MHz or 32kHz.
●
The default 2MHz mode requires no external components.
●
The 32 kHz mode requires an external bias resistor of 1.3 MΩ from the VBias pin towards
GND.
Note:
The oscillator frequencies can be adjusted through software after reset, where the reset
frequencies are around 2.34Mhz / 29Khz.
XTAL2
XTAL1
R1
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com