Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2156 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2156 Datasheet HTML 1Page - STMicroelectronics AN2156 Datasheet HTML 2Page - STMicroelectronics AN2156 Datasheet HTML 3Page - STMicroelectronics AN2156 Datasheet HTML 4Page - STMicroelectronics AN2156 Datasheet HTML 5Page - STMicroelectronics AN2156 Datasheet HTML 6Page - STMicroelectronics AN2156 Datasheet HTML 7Page - STMicroelectronics AN2156 Datasheet HTML 8Page - STMicroelectronics AN2156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1 - Power management
AN2156
4/24
1
Power management
1.1
Power supply pins VDD/VSS
All current STR73x devices are supplied with a nominal voltage of 5V. The power supply pins
are organized in VDD/VSS pairs around the chip and exceptionally all pins need to be properly
connected to the power supplies, VDD to 5V, VSS to GND. These connections including pads,
tracks and vias should have an impedance as low as possible. This is typically achieved with
thick track widths and preferably dedicated power supply planes in multi layer PCBs.
In addition, each VDD/VSS pair should be decoupled with ceramic capacitors which need to be
placed as close as possible to the appropriate pins or below the pins on the contrary side of the
PCB. Typical values are 10nF to 100nF, but exact values depend on the application needs. The
following figure shows the typical layout on such a VDD/VSS pair.
Figure 1.
Typical layout for VDD/VSS pair
1.2
Analog supply and reference VDDA/VSSA
The VDDA pin is used to supply the ADC and to provide it with the analog reference.
As for the supply pins, VDDA/VSSA decoupling with short connections is recommended and an
X7R ceramic capacitor of 47nF to 100nF can be used for this.
When full accuracy is needed, and depending on the noise rejection of the voltage regulator
used to supply the STR73x device, a low pass filter may be considered. As the pin is also used
as the ADC supply, the use of a serial resistor must be avoided to reduce the risk of offset error
generation. An EMI component from Murata is proposed instead.
Via to VSS
Via to VDD
Cap.
VDD VSS
STR73x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com