Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2284 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 6Page - STMicroelectronics AN2284 Datasheet HTML 7Page - STMicroelectronics AN2284 Datasheet HTML 8Page - STMicroelectronics AN2284 Datasheet HTML 9Page - STMicroelectronics AN2284 Datasheet HTML 10Page - STMicroelectronics AN2284 Datasheet HTML 11Page - STMicroelectronics AN2284 Datasheet HTML 12Page - STMicroelectronics AN2284 Datasheet HTML 13Page - STMicroelectronics AN2284 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
4 SC Peripheral Description
AN2284
10/40
4
SC Peripheral Description
4.1
Introduction
The SmartCard Interface is an extension of UART1; for the description of the UART registers,
please refer to STR710 datasheet. The SmartCard interface is designed to support
asynchronous protocol SmartCards as defined in the ISO7816-3 standard.
With SmartCard mode enabled, UART1 is configured as:
- eight data bits plus parity
- 0.5 or 1.5 stop bits
A 16 bit counter and the SmartCard clock generator provide the clock to the SmartCard. GPIO
bits in conjunction with software are used to provide the rest of the functions required to
interface to the SmartCard.
The inverse signalling convention as defined in ISO7816-3, inverted data and MSB first, is
handled in the software.
4.2
External Interface
Table 2.
Smart Card Pins
The ScRST, ScCmdVpp (command for Vpp), ScCmdVcc (command for Vcc), and ScDetect
signals (signal for card detection) are provided by GPIO bits of the IO ports under software
control. Programming the GPIO bits of the port for alternate function modes connects the UART
TXD data signal to the ScDataOut pin with the correct driver type and the clock generator to the
ScClk pin.
4.3
Protocol
The ISO standard defines the bit times for the asynchronous protocol in terms of a time unit
called an ETU which is related to the clock frequency input to the card. One bit time is of length
one ETU. The UART transmitter output and receiver input need to be connected together
externally. For the transmission of data from the STR71x to the SmartCard, the UART will need
to be set up in SmartCard mode.
Pin Number
Pin Name
Function
P0.12
SCCIk
Smart card clock
P0.10
I/O
I/O serial data: open drain @ both ends
Any GPIO
RST
Reset to card
VCC
Supply voltage
Vpp
Programming voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com