| Electronic Components Datasheet Search |
|
AN2284 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 40 page ![]() 7 ISO 7816-3 - Electronic Signal and Transmission Protocol AN2284 18/40 The historical characters can be defined at the discretion of the card manufacturer or the card issuer. These characters are typically used to convey some type of designation of the type, model, and use of this specific card. When used in this way, the historical characters provide a modest mechanism through which systems can automatically detect the use of an inserted card (within that system) and can initiate other actions (or software) accordingly. The check character provides a mechanism through which the integrity of the ATR can be measured; that is, whether a transmission error has occurred in sending the characters from the card to the reader. The structure of the ATR is illustrated in Table 4. As discussed previously, the initial TS character is used to establish the bit-signaling and bit-ordering conventions between the reader and the card. The T0 character is used to signal the presence or absence of subsequent interface characters or historical characters. The interface characters are used to tailor the characteristics of the I/O channel, including the specific protocol used by the card and reader during subsequent exchange of commands (from the reader to the card) and responses (from the card to the reader). The historical characters, if present, are used to convey card- manufacturer-specific information from the card to the read, and hence to the application system being served by the reader. There is really no established standard for the information presented in the historical bits. The total length of the ATR sequence is limited to 33 bytes and must adhere to the following format: Table 4. The Answer-to-Reset Structure Character ID Definition Initial Character Section TS Mandatory initial character Format Character Section T0 Indicator for presence of interface characters Interface Character Section TA1 Global, codes F1 and D1 TB1 Global, codes 11 and Pl1 TC1 Global, code N TD1 Codes Y2 and T TA2 Specific TB2 Global, code Pl2 TC2 Specific TD2 Codes Y3 and T TA3 TAi, TBi and TCi are specific ...TDi Codes Yi+1 and T Historical Character Section T1 Card specific information ...TK (Maximum of 15 characters) Check Character Section TCK2 Optional check character |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |