Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2319 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2319
Description  Using the 64-bit UID in contactless RFID applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2319 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2319 Datasheet HTML 1Page - STMicroelectronics AN2319 Datasheet HTML 2Page - STMicroelectronics AN2319 Datasheet HTML 3Page - STMicroelectronics AN2319 Datasheet HTML 4Page - STMicroelectronics AN2319 Datasheet HTML 5Page - STMicroelectronics AN2319 Datasheet HTML 6Page - STMicroelectronics AN2319 Datasheet HTML 7Page - STMicroelectronics AN2319 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2319
UID description
3/8
1
UID description
The 64-bit UID of STMicroelectronics provides a maximum of 242 (4,398,046,511,104)
unique ID tags per family.
1.1
Unique serial number [41:0]
These 42 bits are the traceable unique serial number.
1.2
Product code [47:42]
These 6 bits store the STMicroelectronics product code. This code is unique for each tag
family product and that is why it can be used by the contactless system to identify the
product in the reader's antenna field. Once recognized, the contactless system knows the
command set and available memory map. Table 2 lists the product codes that identify
current products.
1.3
Silicon manufacturer code [55:48]
This bit field identifies the Silicon manufacturer code. Value 0x02 is dedicated for
STMicroelectronics in compliance with ISO 7816-6/AM1 specifications.
1.4
Tag registration category [63:56]
This bit field corresponds to the Registration category for RFID applications. Value 0xD0 is
attributed to ISO14443-B standard devices.
Table 1.
64-bit unique identifier (UID) description
Bits
[63:56]
[55:48]
[47:42]
[41:0]
Size (bits)
88
6
42
Value
Tag registration
category (0xD0)
Silicon manufacturer
code (0x02)
Product code
Unique serial
number
Table 2.
ST product code chart
Binary
Decimal
SR product
00 0010
2
SR176
00 0011
3
SRIX4K
00 0100
4
SRIX512
00 0110
6
SRI512
00 0111
7
SRI4K
00 1100
12
SRT512



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com