Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2319 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2319
Description  Using the 64-bit UID in contactless RFID applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2319 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2319 Datasheet HTML 1Page - STMicroelectronics AN2319 Datasheet HTML 2Page - STMicroelectronics AN2319 Datasheet HTML 3Page - STMicroelectronics AN2319 Datasheet HTML 4Page - STMicroelectronics AN2319 Datasheet HTML 5Page - STMicroelectronics AN2319 Datasheet HTML 6Page - STMicroelectronics AN2319 Datasheet HTML 7Page - STMicroelectronics AN2319 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Implementation
AN2319
4/8
2
Implementation
The body of a loop (see Example 1) is used by a reader to detect and identify RFID tags.
This loop starts by switching the reader RF output OFF and then back ON again. This safely
resets any tags in the field and puts them in a READY state.
By issuing the INITIATE() command, the tag enters ACTIVE (SR176) or INVENTORY
(SRIxx) mode.
A non-zero response to the INITIATE() command indicates the presence of a tag and
enables the reader to obtain the ChipID.
This ChipID is used as a link to the tag for the following SELECT() command.
After a successful SELECT() command, the tag is ready for read / write operations.
Once the value of the UID is known, the application can easily determine and set the
important parameters for communication with the particular tag using the switch()
statement shown in Example 1: high-level mnemonic source code.
In certain applications and when using certain tags, it is necessary to identify the tag
product type. In this case, it is recommended to first read the tag UID value (which contains
the product type value) as shown in Example 2: low-level mnemonic source code.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com