Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2452 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2452 Datasheet HTML 1Page - STMicroelectronics AN2452 Datasheet HTML 2Page - STMicroelectronics AN2452 Datasheet HTML 3Page - STMicroelectronics AN2452 Datasheet HTML 4Page - STMicroelectronics AN2452 Datasheet HTML 5Page - STMicroelectronics AN2452 Datasheet HTML 6Page - STMicroelectronics AN2452 Datasheet HTML 7Page - STMicroelectronics AN2452 Datasheet HTML 8Page - STMicroelectronics AN2452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AN2452
Software
3/21
1
Software
1.1
Installation
The STW8110x GUI software is built on the Microsoft (R) .NET Framework (see
http://www.microsoft.com/net/default.mspx). It may require the installation of the Microsoft
(R) .NET Framework version 2.0, which may require the installation of Windows Installer 3.0
(see
http://msdn.microsoft.com/library/default.asp?url=/library/en-
us/msi/setup/windows_installer_start_page.asp). Administrator privileges are required to
install Microsoft (R) .NET Framework and Windows Installer.
Follow these steps to install the STW8110x GUI:
1.
If an old version of the GUI is already installed, uninstall it.
2.
Run
setup.exe (datasheets, programming configuration files and desktop/quick launch
shortcuts are optional components installed by default).
3.
Run
STW8110xGUI.exe
4.
The default starting operation mode is Tutorial. The starting operation mode can be
modified by means of the radio buttons in the tutorial form:
a)
Tutorial: a brief tutorial on the features of the GUI.
b)
Basic: only the main options are enabled.
c)
Advanced: all the available options are enabled.
1.2
Main form
This section details the items on the main form. See
Figure 1: Main form on page 4.
1.
Pressing this button shows the About STW8110xGUI screen.
2.
Pressing this button opens the datasheet of the selected device.
3.
Help
4.
Device selection (STW81101/2/3).
5.
GUI operation modes:
Tutorial: A brief tutorial on the basic features of the GUI. An inner default configuration
is loaded.
Basic: only the main options are enabled. Frequency values must be set in the
following order:
a)
Input reference frequency Fref.
b)
Output frequency step Fstep.
c)
Output frequency Fout.
The calibrator is always ON. VCO and output divider are set automatically.
Advanced: all the available options are enabled. Any Fvco or Fout are allowed. A
message will warn if the inserted values are beyond the frequency limits of the VCOs.
Frequency values must be set in the following order:
a)
Input reference frequency Fref.
b)
Output frequency step Fstep or Fpfd.
c)
Output frequency Fout or Fvco.
Waveform Viewer: a form is opened displaying the bit sequence sent to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com