Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2452 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2452
Description  STW8110x evaluation board and graphical user interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2452 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2452 Datasheet HTML 1Page - STMicroelectronics AN2452 Datasheet HTML 2Page - STMicroelectronics AN2452 Datasheet HTML 3Page - STMicroelectronics AN2452 Datasheet HTML 4Page - STMicroelectronics AN2452 Datasheet HTML 5Page - STMicroelectronics AN2452 Datasheet HTML 6Page - STMicroelectronics AN2452 Datasheet HTML 7Page - STMicroelectronics AN2452 Datasheet HTML 8Page - STMicroelectronics AN2452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Software
AN2452
4/21
Figure 1.
Main form
6.
Swallow counter A: 5-bit counter.
7.
VCO calibrator:
–
Last calibration Fvco: contains the last calibration data (VCO and frequency of
calibration).
–
Calibrator ON/OFF.
–
The maximum allowed Fpfd during calibration is 1 MHz. If Fpfd > 1 MHz, the device
is programmed in two steps:
a) Device is programmed forcing calibration with the maximum Fpfd ≤1MHz
(Fpfd = Fref / R ≤1 MHz ==> R ≥ Fref / 10
6).
b) Device is programmed with the desired Fpfd.
Example with Fref = 76.8 MHz:
Desired values:
- Fpfd = 1200 kHz
- R = Fref / Fpfd = 64
Forced values:
- R' =
⎡Fref / 106⎤ = ⎡76.8⎤ = 77
- F'pfd = Fref / R' = 997.403 kHz
Device programming in two steps:
a) Device is programmed with Fpfd = 997.403 kHz and Calibrator ON.
b) Device is programmed with Fpfd = 1200 kHz and Calibrator OFF.
1
2
3
4
5
6
78
9
10
11
12
13
16
15
14
17
18
19
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com