Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1302 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1302
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302 Datasheet(HTML) 1 Page - Linear Technology

  LT1302 Datasheet HTML 1Page - Linear Technology LT1302 Datasheet HTML 2Page - Linear Technology LT1302 Datasheet HTML 3Page - Linear Technology LT1302 Datasheet HTML 4Page - Linear Technology LT1302 Datasheet HTML 5Page - Linear Technology LT1302 Datasheet HTML 6Page - Linear Technology LT1302 Datasheet HTML 7Page - Linear Technology LT1302 Datasheet HTML 8Page - Linear Technology LT1302 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1302/LT1302-5
Micropower
High Output Current
Step-Up Adjustable and
Fixed 5V DC/DC Converters
Figure 1. 2-Cell to 5V/600mA DC/DC Converter
S
FEATURE
DESCRIPTIO
s
5V at 600mA or 12V at 120mA from 2-Cell Supply
s
200
µA Quiescent Current
s
Logic Controlled Shutdown to 15
µA
s
Low VCESAT Switch: 310mV at 2A Typical
s
Burst Mode
TM Operation at Light Load
s
Current Mode Operation for Excellent
Line and Load Transient Response
s
Available in 8-Lead SO or PDIP
s
Operates with Supply Voltage as Low as 2V
The LT
®1302/LT1302-5 are micropower step-up DC/DC
converters that maintain high efficiency over a wide
range of output current. They operate from a supply
voltage as low as 2V and feature automatic shifting
between Burst Mode operation at light load, and current
mode operation at heavy load.
The internal low loss NPN power switch can handle
current in excess of 2A and switch at frequencies up to
400kHz. Quiescent current is just 200
µA and can be
further reduced to 15
µA in shutdown.
Available in 8-pin PDIP or 8-pin SO packaging, the LT1302/
LT1302-5 have the highest switch current rating of any
similarly packaged switching regulators presently on the
market.
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
s
Notebook and Palmtop Computers
s
Portable Instruments
s
Personal Digital Assistants
s
Cellular Telephones
s
Flash Memory
APPLICATI
TYPICAL
+
NC
C3
0.1
µF
SHUTDOWN
VIN
IT
VC
SW
PGND
SHDN
SENSE
GND
2
RC
20k
CC
0.01
µF
C1
100
µF
D1
+
C2
100
µF
L1
10
µH
2 CELLS
LT1302 • F01
C1 = C2 = SANYO OS-CON
L1 = COILTRONICS CTX10-3
COILCRAFT DO3316-103
OUTPUT
5V
600mA
1
8
7
65
3
4
D1 = MOTOROLA MBRS130LT3
LT1302-5
LOAD CURRENT (mA)
1
78
80
82
84
86
10
100
1000
LT1302 • TA02
76
74
72
70
88
90
VIN = 3V
VIN = 2.5V
VIN = 2V
2-Cell to 5V Converter Efficiency


Similar Part No. - LT1302

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5 Datasheet
360Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302CN8 LINER-LT1302CN8 Datasheet
360Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results

Similar Description - LT1302

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
logo
Maxim Integrated Produc...
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
logo
Linear Technology
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Linear Technology
LT1302-5 LINER-LT1302-5_15 Datasheet
323Kb / 16P
Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com