Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1302 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1302
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302 Datasheet(HTML) 5 Page - Linear Technology

  LT1302 Datasheet HTML 1Page - Linear Technology LT1302 Datasheet HTML 2Page - Linear Technology LT1302 Datasheet HTML 3Page - Linear Technology LT1302 Datasheet HTML 4Page - Linear Technology LT1302 Datasheet HTML 5Page - Linear Technology LT1302 Datasheet HTML 6Page - Linear Technology LT1302 Datasheet HTML 7Page - Linear Technology LT1302 Datasheet HTML 8Page - Linear Technology LT1302 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1302/LT1302-5
PI FU CTIO S
SW (Pin 7): Switch Pin. Connect inductor and diode here.
Keep layout short and direct.
PGND (Pin 8): Power Ground. Pins 8 and 1 should be
connected under the package. In the SO package, pins 1
and 8 are thermally connected to the die. One square inch
of PCB copper provides an adequate heat sink for the
device.
Figure 2. LT1302 Block Diagram
1302 F02
–
+
–
+
–
+
VOS
15mV
R2
C5
100pF
36mV
CMP1
OFF
VIN
2
µA
ENABLE
A2
VIN
C2
0.1
µF
C1
VIN
L1
SW
PGND
IT
VC
R3
22k
C4
0.01
µF
GND
SHDN
SHUTDOWN
FB
ERROR
AMPLIFIER
HYSTERETIC
COMPARATOR
DRIVER
A1
4
3
5
8
7
2
1
1.24V
REFERENCE
220kHz
OSCILLATOR
300
Ω
3.6k
Q3
R4
1.75
Ω
R5
730
Ω
VIN
BIAS
R1
6
+
C3
D1
VOUT
+
Q4
160X
A3
Q1
Q2
Q5
BLOCK DIAGRA SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com