Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2504 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2504
Description  Using STMicroelectronics Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2504 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2504 Datasheet HTML 3Page - STMicroelectronics AN2504 Datasheet HTML 4Page - STMicroelectronics AN2504 Datasheet HTML 5Page - STMicroelectronics AN2504 Datasheet HTML 6Page - STMicroelectronics AN2504 Datasheet HTML 7Page - STMicroelectronics AN2504 Datasheet HTML 8Page - STMicroelectronics AN2504 Datasheet HTML 9Page - STMicroelectronics AN2504 Datasheet HTML 10Page - STMicroelectronics AN2504 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2504 - Application note
Open Drain Output Advantages
7/14
5
Open Drain Output Advantages
The advantages of open drain output are the ability to connect more open drain outputs in
parallel (wired OR connections, see Figure 6) as well as connect the output to a power
supply voltage different from VCC (see Figure 7).
The hook up on Figure 6 monitors 2 independent supply voltages (3V and 5V). Every time
either the first OR the second supply voltage goes below defined threshold, the input signal
of the MCU, Suspend, goes low.
Figure 6.
Voltage Detectors with Wire OR Connection
A voltage detector with an open drain output can also monitor supply voltages different from
the MCU supply voltage (see Figure 7). The logic high on the MCU Suspend input is
adequate to supply voltage of the MCU.
Figure 7.
Voltage Detector Monitors Different Supply Voltage
AI12906
VCC
VSS
VCC
MCU
STM1061N
OUT
5V
3V
R
VSS
Suspend
VCC
STM1061N
OUT
VSS
AI12907
VSS
VCC
MCU
5V
3V
R
Suspend
VCC
STM1061N
OUT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com