Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2504 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2504
Description  Using STMicroelectronics Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2504 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2504 Datasheet HTML 1Page - STMicroelectronics AN2504 Datasheet HTML 2Page - STMicroelectronics AN2504 Datasheet HTML 3Page - STMicroelectronics AN2504 Datasheet HTML 4Page - STMicroelectronics AN2504 Datasheet HTML 5Page - STMicroelectronics AN2504 Datasheet HTML 6Page - STMicroelectronics AN2504 Datasheet HTML 7Page - STMicroelectronics AN2504 Datasheet HTML 8Page - STMicroelectronics AN2504 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Description
AN2504 - Application note
4/14
2
Description
STMicroelectronics offers e.g. the STM1061 voltage detector. One of its typical uses is
shown in the Figure 2.
The STM1061N open drain output voltage detector is monitoring the 3.6V battery. This
allows the voltage detector to detect a voltage drop early, assert the output signal (OUT) so
the MCU can start safeguard routines even before the regulated supply voltage for the MCU
starts to fall.
The voltage detector open drain output sinks current when the output is asserted. It is
necessary to connect a pull-up resistor from OUT to any supply voltage (see Figure 2). The
resistor value must be large enough to register a logic low and small enough to register a
logic high while all of the input current and leakage paths connected to the reset output line
are being supplied. A10k
Ω pull-up is sufficient in most applications.
Figure 2.
STM1061N Active-Low, Open Drain typical Hardware Hookup
AI10484a
VCC
VIN
+
VSS
VCC
MCU
STM1061N
(Open Drain)
DC/DC
Converter
OUT
3.6V
VOUT
VSS
VSS
Suspend
Regulated 3V
R
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com