Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2614 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2614
Description  Serial numbering implementation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2614 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2614 Datasheet HTML 1Page - STMicroelectronics AN2614 Datasheet HTML 2Page - STMicroelectronics AN2614 Datasheet HTML 3Page - STMicroelectronics AN2614 Datasheet HTML 4Page - STMicroelectronics AN2614 Datasheet HTML 5Page - STMicroelectronics AN2614 Datasheet HTML 6Page - STMicroelectronics AN2614 Datasheet HTML 7Page - STMicroelectronics AN2614 Datasheet HTML 8Page - STMicroelectronics AN2614 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Serial number encoding techniques
AN2614
2/12
1
Serial number encoding techniques
A serial number can be composed of any number of letters and/or digits. A common serial
number encoding technique is to encode the serial number as a string of ASCII characters,
as shown in Table 1.
The numbers can also be combined in pairs, to form more concise 2-digit characters as
shown in Table 2.
Other encoding techniques are possible.
Such ‘encryption’ can be used so that only authorized people can decode the serial number.
Table 1.
Serial numbering
Serial number
0 1 2 3 4 5 6 7
Corresponding ASCII codes (hexa)
30h 31h 32h 33h 34h 35h 36h 37h
Table 2.
Serial numbering in pairs
Serial number
0 1 2 3 4 5 6 7
Corresponding numbers (hexa)
01h 23h 45h 67h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com