Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2614 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2614
Description  Serial numbering implementation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2614 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2614 Datasheet HTML 1Page - STMicroelectronics AN2614 Datasheet HTML 2Page - STMicroelectronics AN2614 Datasheet HTML 3Page - STMicroelectronics AN2614 Datasheet HTML 4Page - STMicroelectronics AN2614 Datasheet HTML 5Page - STMicroelectronics AN2614 Datasheet HTML 6Page - STMicroelectronics AN2614 Datasheet HTML 7Page - STMicroelectronics AN2614 Datasheet HTML 8Page - STMicroelectronics AN2614 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AN2614
Embedding the serial number
3/12
2
Embedding the serial number
The serial number may need to be:
1.
Embedded in the MCU, or stored in external memory (such as EEPROM)
2.
Read from the MCU by an external device (for example, through an SCI interface)
3.
Protected against read-out
4.
Programmed at production level or updated just before shipment
Embedding the serial number inside the MCU software meets all the above requirements.
This is especially true for the ST7 microcontrollers, whose Flash memory array can be
programmed anytime with minimum hardware requirements (by means of ICP or IAP).
Before embedding the serial number, its format (size, encoding etc.) should be known .
For exampe, a serial number encoded over a four-character identification string may look as
follows:
char Serial_Number[4];
2.1
Embedding the serial number inside the MCU software
2.1.1
Fixed serial number
This is the easiest way to implement the serial number, since it can either be programmed
with the MCU software or programmed later.
If a common serial number is assigned to all appliances of a production lot, the string can be
part of the normal MCU software without any specific requirements, as shown below:
#pragma INTO_ROM // in case -Cc option is not used
const char Serial_Number[4] = “0123”; // forget the trailing ‘\0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com