Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2641 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 8Page - STMicroelectronics AN2641 Datasheet HTML 9Page - STMicroelectronics AN2641 Datasheet HTML 10Page - STMicroelectronics AN2641 Datasheet HTML 11Page - STMicroelectronics AN2641 Datasheet HTML 12Page - STMicroelectronics AN2641 Datasheet HTML 13Page - STMicroelectronics AN2641 Datasheet HTML 14Page - STMicroelectronics AN2641 Datasheet HTML 15Page - STMicroelectronics AN2641 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
CLCD panel programmable parameters
AN2641
12/37
Doc ID 14027 Rev 1
2.3.1
Display related registers
1.
LCD TFT, bit [5] in the LCD-Control register, selects the display type. For TFT, set to
1. For STN, set to 0.
2.
LCD Dual, bit [7] in the LCD-Control register, selects dual or single STN panel. For
dual panel STN, set to 1, for single panel STN, set to 0. If TFT panel is used then set to
0.
3.
LCD Mono bit [6] in the LCD-Control register, controls whether monochrome STN
LCD uses a 4 or 8-bit parallel interface. Set to 0 if mono LCD uses 4-bit interface and
set to 1 if mono LCD uses 8-bit interface. This bit has no meaning in other modes and
must be programmed to zero.
4.
LCD BW bit [4] in the LCD-Control register, selects monochrome or color STN
panel. If STN LCD is monochrome (black and white), set to 1. If STN LCD is color, set
to 0. This bit has no meaning in TFT mode.
5.
The color palette register is described in next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com