Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2646 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 20Page - STMicroelectronics AN2646 Datasheet HTML 21Page - STMicroelectronics AN2646 Datasheet HTML 22Page - STMicroelectronics AN2646 Datasheet HTML 23Page - STMicroelectronics AN2646 Datasheet HTML 24Page - STMicroelectronics AN2646 Datasheet HTML 25Page - STMicroelectronics AN2646 Datasheet HTML 26Page - STMicroelectronics AN2646 Datasheet HTML 27Page - STMicroelectronics AN2646 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
ISO 7816-4 – smartcard commands
AN2646 - Application note
24/43
Erase Binary
The Erase Binary command is used to clear bytes within a transparent EF on a card.
Similarly to the previous commands, the input parameters comprise an offset from the start
of the EF to the segment of bytes to be erased as well as the number of bytes to be erased.
Read Record
This command is used to read and return the contents of one or more records in an EF on a
card. Unlike the previous command, the EF for the Read Record command must be a
record-oriented file. If it is applied to a transparent EF, the command will abort and an error
will be returned to the reader.
The following may be returned from this command, depending on the input parameters:
●
A specified record
●
All the records from the beginning of the file to a specific record
●
All the records from a specific record to the end of the file
Write Record
This command is used to write a record into a record-oriented EF. As with the Write Binary
command, this command can be used to write a record into an EF, set or clear specific bits
within a specific record in an EF.
Append Record
The Append Record command is used to add a record to the end of a linear, record-oriented
EF or to write the first record to a cyclic, record-oriented EF on a card.
Update Record
This command writes a specific record into a record-oriented EF on a card. As with the
Update Binary command, the old record is erased and the new one is written into the EF.
Get Data
This command reads and returns the contents of a data object stored within the file system
on the card. The Get Data command is card-specific as the definition of a data object varies
between different cards.
Put Data
This command (as the name suggests) puts information into a data object on the card. As
with the previous command, this is a card-specific command.
5.2.4
Security API
Each component of the file system on a smartcard has an associated list of access
properties. The access properties ensure that only authorized parties are allowed to access
the particular component of the file system. The authentication can be simple, such as
requiring the reader to provide a predefined personal identification number (PIN).
Alternatively, it may be more complicated, such as requiring the reader to prove that it
possesses some shared secret with the card (for example a key) by encrypting or decrypting
a string of bytes provided by the card.
A few of the functions provided by the security API are briefly discussed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com