| Electronic Components Datasheet Search |
|
AN2646 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2646 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 43 page ![]() AN2646 - Application note Smartcard interface library: description 29/43 typedef struct { u8 LC; /* Data field length */ u8 Data[LCmax]; /* Command parameters */ u8 LE; /* Expected length of data to be returned */ } SC_Body; ● LC Specifies the number of data bytes transferred to the card as part of the [CLA, INS] instruction execution. ● Data Specifies the pointer to the data buffer transferred to the card. ● LE Specifies the number of data bytes transferred from the card as part of the [CLA, INS] instruction execution. ● SC_Response Specifies the APDU command response. It is of SC_ADPU_Response type, defined in the smartcard.h file: typedef struct { u8 Data[LCmax]; /* Data returned from the card */ u8 SW1; /* Command Processing status */ u8 SW2; /* Command Processing qualification */ } SC_ADPU_Responce; ● Data Specifies the pointer to the data buffer which will contain the returned card data. ● SW1 Specifies the first status code byte. This byte stores the error category. ● SW2 Specifies the second status code byte. This byte stores a command-specific status or error indication. Example: /* Select the Master Root MF */ SC_ADPU.Header.CLA = SC_CLA; SC_ADPU.Header.INS = SC_SELECT_FILE; SC_ADPU.Header.P1 = 0x00; SC_ADPU.Header.P2 = 0x00; SC_ADPU.Body.LC = 0x02; for(i = 0; i < SC_ADPU.Body.LC; i++) { SC_ADPU.Body.Data[i] = MasterRoot[i]; } while(i < LCmax) { SC_ADPU.Body.Data[i++] = 0; } SC_ADPU.Body.LE = 0; SC_Handler(&SCState, &SC_ADPU, &SC_Responce); |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |