Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2716 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2716 Datasheet HTML 1Page - STMicroelectronics AN2716 Datasheet HTML 2Page - STMicroelectronics AN2716 Datasheet HTML 3Page - STMicroelectronics AN2716 Datasheet HTML 4Page - STMicroelectronics AN2716 Datasheet HTML 5Page - STMicroelectronics AN2716 Datasheet HTML 6Page - STMicroelectronics AN2716 Datasheet HTML 7Page - STMicroelectronics AN2716 Datasheet HTML 8Page - STMicroelectronics AN2716 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
STCC08 description
AN2716
4/28
Doc ID 14460 Rev 2
1
STCC08 description
1.1
Main features
The STCC08 was designed to improve the safety of home appliances (see Reference 1.).
This new device can drive up to 10 mA IGT AC switches (TRIAC, ACST and ACS - see
Reference 2.) and send back to the microcontroller (MCU) a signal image of the voltage
across the controlled AC switch. The STCC08 has three functional blocks (see Figure 1 and
Table 1).
●
A “gate driver” block used to drive an AC switch and to interface directly the STCC08
with the MCU (CMOS compatible)
●
A “power switch signal shaping” block used to measure the AC switch voltage
●
An “AVF driver” block used to give an image of the AC switch voltage to the MCU
(digital information)
Figure 1.
STCC08 block diagram
Knowing the STCC08 IN input state (used to turn on or off the AC switch) and the voltage
across the controlled AC switch (given by the STCC08 AVF output signal state), the MCU is
able to identify all AC switch failures (diode mode, short circuit, or open circuit) and to take
the appropriate actions to put the appliance in a secure state (see Reference 3.) by
switching off an appliance front-end relay (see Section 1.4.3).
Table 1.
STCC08 pin descriptions
Pin
Symbol
Type
Description
1
IN
SIGNAL
AC switch drive
2
AVF
SIGNAL
Alternating voltage feedback: AC switch state output
3
NC
Not connected
4
AC
SIGNAL
AC switch state sense input
5VCC
POWER
Positive power supply
6
G
SIGNAL
AC switch gate driver output
7RIG
SIGNAL
AC switch gate current setting
8
GND
POWER
Power supply reference
AVF
V
(5)
CC
GND
R
(7)
IG
AC (4)
IN (1)
G (6)
Power switch
signal shaping
AVF driver
Gate driver
+
-
AVF (2)
GND (8)
STCC08
AC
RIG
G
AVF
IN
GND
VCC
N/C
SO-8 package
1
2
3
4
8
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com