Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2716 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2716 Datasheet HTML 1Page - STMicroelectronics AN2716 Datasheet HTML 2Page - STMicroelectronics AN2716 Datasheet HTML 3Page - STMicroelectronics AN2716 Datasheet HTML 4Page - STMicroelectronics AN2716 Datasheet HTML 5Page - STMicroelectronics AN2716 Datasheet HTML 6Page - STMicroelectronics AN2716 Datasheet HTML 7Page - STMicroelectronics AN2716 Datasheet HTML 8Page - STMicroelectronics AN2716 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN2716
STCC08 description
Doc ID 14460 Rev 2
5/28
1.2
STCC08 non-insulated and insulated application diagram
The STCC08 is dedicated to applications with MCU. Figure 2 and Figure 3 show
respectively the STCC08 non-insolated and insolated application diagrams. The STCC08 is
compatible with 3.3 V and 5 V power supplies. The DC power supply must be a negative
one. This means the Vcc terminal has to be connected to neutral. The GND voltage is then
VCC (3.3 V or 5 V) below neutral. Such a connection is mandatory to drive ACS and most
ACST and TRIAC devices (AC switches can be triggered only by a current taken from the
gate).
Figure 2.
Un-insulated application diagram
Figure 3.
Insulated application diagram
AVF
VCC
GND
RIG
AC
IN
G
Power switch
signal shaping
AVF driver
Gate driver
+
-
MCU
VCC = 3.3V to 5V
VCC
VCC
AVF
GND
Load
Neutral
ACS
STCC08
RAC
Line
Front end relay
VCC
R1
AC
IN
G
Power switch
signal shaping
AVF driver
Gate driver
+
-
MCU
VCC2
VCC2
AVF
GND
Load
Neutral
ACS
STCC08
STCC08
Insulated
Power supply
Un- insulatated
5 V or 3.3 V
Power supply
OPTO1
OPTO2
VCC1
VCC1
RAC
RIG
Line
Front end relay
RIG
RAVF
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com