Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2777 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics AN2777 Datasheet HTML 10Page - STMicroelectronics AN2777 Datasheet HTML 11Page - STMicroelectronics AN2777 Datasheet HTML 12Page - STMicroelectronics AN2777 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2777
Vacuum cleaner requirements
Doc ID 14748 Rev 1
9/13
3.2
Inrush current
Inrush current also causes significant stress on TRIACs, especially if the motor is turned on
in full wave mode. Today, with the electromagnetic standard applied to limit light flickering
due to appliance inrush currents (IEC 61000-3-3 standard), most vacuum cleaners feature a
microcontroller which implements a soft-start function. A full-cycle start-up thus occurs only
with wrong triggering by the microcontroller.
Figure 9 gives the measured inrush current of a 2000 W motor started in full-cycle mode,
with a 264 V rms line voltage (worst case for a 220-240 V line). The inrush current can reach
up to 70 A. This level is well below the maximum peak current allowed for the T1235H-6
device (ITSM = 120 A for a 20 ms pulse).
Figure 9 also gives the calculated junction temperature for this device in a TO220AB
insulated package. The initial device temperature is 60 °C, as it could occur in the
application if the motor has already operated before a new start-up. Dissipated power is
calculated with max Vto and Rd parameters given in our datasheet [see References 4.] The
thermal impedance taken into account is given in our datasheet (Rth(j-c) = 3.3 °C/W). It can
be seen that the junction temperature remains below 150 °C during this start-up. The
operation is then totally safe for the device.
Figure 9.
Junction temperature and current at start-up (2000 W, 230 V motor,
T1235H-6I TRIAC)
3.3
Turn-off requirement
As explained above, the dI/dtOFF constraint is one of the main points to check, especially for
TRIACs working at high temperatures. Furthermore, universal motors impose high dI/dtOFF
rates due to the brush commutations. Figure 10, for example, shows that the dI/dtOFF rate
(
➀) can be approximately 50% higher than the value due to the 50 Hz wave shape (dI/dtOFF
➁, as defined in Equation 1).
-100
-50
0
50
100
150
200
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Current (A) and Temperature (°C)
IT
Tj
time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com