Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2777 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2777
Description  A new high-temperature TRIAC family
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2777 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2777 Datasheet HTML 1Page - STMicroelectronics AN2777 Datasheet HTML 2Page - STMicroelectronics AN2777 Datasheet HTML 3Page - STMicroelectronics AN2777 Datasheet HTML 4Page - STMicroelectronics AN2777 Datasheet HTML 5Page - STMicroelectronics AN2777 Datasheet HTML 6Page - STMicroelectronics AN2777 Datasheet HTML 7Page - STMicroelectronics AN2777 Datasheet HTML 8Page - STMicroelectronics AN2777 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2777
TRIAC turn-off behavior
Doc ID 14748 Rev 1
5/13
The value of (dI/dt)c decreases if the reapplied (dV/dt)c is increasing. The value of (dI/dt)c
also strongly decreases if the junction temperature is increasing. Figure 5 gives the (dI/dt)c
relative variation according to the junction temperature for a Snubberless TRIAC from
STMicroelectronics. This device is the BTB12-600CW (12 A, 600 V, 35 mA Igt). Snubberless
means that the specified (dI/dt)c has been chosen so that it is guaranteed whatever the
reapplied (dV/dt)c [see References 1.] Thus there is no need to add an R-C snubber circuit
across the TRIAC to help it to turn-off [see References 2.]
Figure 5.
BTB12-600CW (dI/dt)c variation with junction temperature
0
1
2
3
4
5
25
50
75
100
125
150
(dI/dt) c [Tj]/(dI/dt) c [Tj=125°C]
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com