Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2859 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics AN2859 Datasheet HTML 10Page - STMicroelectronics AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics AN2859 Datasheet HTML 13Page - STMicroelectronics AN2859 Datasheet HTML 14Page - STMicroelectronics AN2859 Datasheet HTML 15Page - STMicroelectronics AN2859 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
VSTATE level definition
AN2859
12/29
DocID15255 Rev 2
VCC_Min and VCC_Max are respectively the minimum and maximum power supply voltage of
the application. XR_Max and XR_Min are the tolerances of the resistors. For example, with 5%
resistor tolerance XR_Max and XR_Min are respectively 1.05 and 0.95. VAVF_L_Max and
VAVF_L_Min values are fixed by the STCC08 AVF output electrical dispersion at low level
with:
VAVF_L_Max = VAVF1_L_Max = VAVF2_L_Max = 1 V
and
VAVF_L_Min = VAVF1_L_Min = VAVF2_L_Min = 0 V
Equation 5
ASC1 is on and ACS2 is on.
Equation 6
ASC1 is on and ACS2 is on.
Equation 7
ASC1 is on and ACS2 is off.
Equation 8
ASC1 is on and ACS2 is off.
Equation 9
ASC1 is off and ACS2 is on.
R_Min
R_Max
AVF_L_Max
R_Min
4
2
R_Max
4
2
AVF_L_Max
0_Max
X
X
·
V
X
·
R
R
X
·
R
R
·
V
V
=
+
+
=
V
0
X
·
R
R
X
·
R
R
·
V
V
R_Max
4
2
R_Min
4
2
AVF_L_Min
0_Min
=
+
+
=
R_Min
4
2
1
R_Max
2
1
AVF_L_Max
R_Max
4
CC_Max
1_Max
X
·
R
R
R
X
·
R
R
·
V
X
·
R
·
V
V
+
+
+
+
=
R_Max
4
2
1
R_Min
2
1
AVF_L_Min
R_Min
4
CC_Min
1_Min
X
·
R
R
R
X
·
R
R
·
V
X
·
R
·
V
V
+
+
+
+
=
R_Min
4
3
2
R_Max
4
3
AVF_L_Max
R_Max
2
CC_Max
2_Max
X
·
R
R
R
X
·
R
R
·
V
.X
R
·
V
V
+
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com