Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2859 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 10Page - STMicroelectronics AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics AN2859 Datasheet HTML 13Page - STMicroelectronics AN2859 Datasheet HTML 14Page - STMicroelectronics AN2859 Datasheet HTML 15Page - STMicroelectronics AN2859 Datasheet HTML 16Page - STMicroelectronics AN2859 Datasheet HTML 17Page - STMicroelectronics AN2859 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Resistance settings
AN2859
14/29
DocID15255 Rev 2
3
Resistance settings
Equation 13 shows how to select values for R1 and R3 resistances. IAVF_Max is the
maximum current sunk by the STCC08 AVF pin and should be lower than 5 mA.
Equation 13
Knowing the R1 and R3 resistor standard values, the tolerance of the resistors, the STCC08
AVF output electrical dispersion and the DC power supply characteristic, R2 and R4
resistances value should be chosen by using equations 14 , 15 , and 16 (see also
Appendix C).
Equation 14
Equation 15
Equation 16
AVF_Max
CC_Max
3
1
I
V
·
2
R
R
R
=
=
⎟⎟
⎜⎜
⎟⎟
⎜⎜
+
>
>
2
R_Min
R_Max
AVF_L_Max
CC_Min
AVF_L_Min
2
R_Min
R_Max
AVF_L_Max
2
4
0_Max
1_Min
X
X
·
V
V
V
X
X
·
V
·
R
R
R
V
V
⎟⎟
⎜⎜
⎟⎟
⎜⎜
⎟⎟
⎜⎜
<
>
AVF_L_Min
2
R_Min
R_Max
CC_Max
AVF_L_Min
2
R_Min
R_Max
AVF_L_Max
2
R_Min
R_Max
AVF_L_Max
CC_Min
2
4
1_Max
2_Min
V
X
X
·
V
V
X
X
·
V
·
R
X
X
V
V
·
R
R
V
V
⎪⎪
>
>
R
V
X
X
·
V
X
X
·
V
V
·
R
R
V
V
AVF_L_Max
R_Max
R_Min
CC_Min
R_Max
R_Min
CC_Min
CC_Max
2
4
2_Max
3_Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com