Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2857 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 3Page - STMicroelectronics AN2857 Datasheet HTML 4Page - STMicroelectronics AN2857 Datasheet HTML 5Page - STMicroelectronics AN2857 Datasheet HTML 6Page - STMicroelectronics AN2857 Datasheet HTML 7Page - STMicroelectronics AN2857 Datasheet HTML 8Page - STMicroelectronics AN2857 Datasheet HTML 9Page - STMicroelectronics AN2857 Datasheet HTML 10Page - STMicroelectronics AN2857 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AN2857
Power supply
Doc ID 15241 Rev 3
7/31
2
Power supply
2.1
Internal supply structure
STM8S and STM8A devices require a 3 V to 5.5 V operating voltage supply (VDD). Two
embedded regulators, the main voltage regulator (MVR) and the low-power voltage
regulator (LPVR), are used to provide 1.8 V supply to the internal digital parts, depending on
the functioning mode (see Figure 1).
The VCAP pin is used to decouple the internal 1.8 V supply. A capacitor of minimum 470 nF
has to be connected between this pin and the ground. The 1.8 V should never be provided
by an external voltage regulator through this pin. Refer to the STM8S and STM8A reference
manual (RM0016) which is available on st.com for more details.
Figure 1.
Power supply overview
2.2
Analog supply
The analog-to-digital converter (ADC) of STM8S and STM8A devices is powered by an
independent power supply. The digital and analog power supply have to be properly
decoupled. Refer to the STM8S and STM8A reference manual for more details about
decoupling capacitors.
2.3
IO supply
The IOs have dedicated pins for power supply which have to be properly decoupled with
recommended capacitors. Refer to the STM8S and STM8A reference manual for more
details about decoupling capacitors.
ADC
Main voltage regulator (MVR)
Low-power voltage regulator (LPVR)
I/O buffers
MCU core
CPU
RAM
Flash
VCAP
VDD
VDDIO
3 V 5 V
3 V 5 V
1.8 V
VDDA
VSSA
ai15044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com