Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2857 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 5Page - STMicroelectronics AN2857 Datasheet HTML 6Page - STMicroelectronics AN2857 Datasheet HTML 7Page - STMicroelectronics AN2857 Datasheet HTML 8Page - STMicroelectronics AN2857 Datasheet HTML 9Page - STMicroelectronics AN2857 Datasheet HTML 10Page - STMicroelectronics AN2857 Datasheet HTML 11Page - STMicroelectronics AN2857 Datasheet HTML 12Page - STMicroelectronics AN2857 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN2857
Clock management
Doc ID 15241 Rev 3
9/31
3
Clock management
3.1
Clock system overview
Four different clock sources can be used to drive the master clock:
●
1-24 MHz high speed external clock from the crystal oscillator (HSE crystal)
●
Up to 24 MHz high speed external clock provided by the user (HSE user-external)
●
16 MHz high speed internal RC oscillator (HSI)
●
128 kHz low speed internal RC oscillator (LSI)
Each peripheral clock source can be switched on or off independently when it is not used, to
optimize power consumption. This is done by using the peripheral clock gating (PCG)
feature. See the ‘clock control’ sections of the STM8S and STM8A reference manual for
more details.
Table 1 summarizes the main features of each clock source. STM8S and STM8A devices
offer a complete range of clock sources to fit customer application requirements in terms of
cost, accuracy and consumption.
1. Factory calibrated by STMicroelectronics at TA = 25 °C.
Table 1.
Clock source comparison
HSE crystal
HSE external
HSI
LSI
Cost
Low to medium
Free to high
Free
Free
Accuracy
Crystal
External source
±1 %(1)
±2.5 %(1)
Consumption(1)
High
Medium
Low
Very low
Other information
Resonator or
crystal
Existing clock to
very complex
clock systems
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com