Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2946 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 3Page - STMicroelectronics AN2946 Datasheet HTML 4Page - STMicroelectronics AN2946 Datasheet HTML 5Page - STMicroelectronics AN2946 Datasheet HTML 6Page - STMicroelectronics AN2946 Datasheet HTML 7Page - STMicroelectronics AN2946 Datasheet HTML 8Page - STMicroelectronics AN2946 Datasheet HTML 9Page - STMicroelectronics AN2946 Datasheet HTML 10Page - STMicroelectronics AN2946 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
AN2946
General description
Doc ID 15473 Rev 2
7/38
1.
The sunlight delivers rays of photons (solar energy) which hit the solar panel
(Photovoltaic or PV module). The photons (energy) are absorbed by the PV and
electrons are released.
2.
The electrons flow along the metal contact of the PV and form electricity.
3.
Energy is stored in the battery during daytime and consumed at night.
4.
The LED lamp (LED streetlight) is driven to operate by the LED lamp driver. This
controller monitors the system and manages the light-on and light-off in day and night
time.
5.
When the battery goes low, the controller sends an enable signal to the 'Mains switch'
which enables the AC offline power supply.
6.
The AC offline power supply (not included in this application note) works as a backup
source to power the LED streetlight.
2.3
Scope of the solar-LED streetlight controller
The block diagram of the solar-LED streetlight controller is shown in Figure 3. The controller
consists of the following blocks:
●
Auxiliary power supply - supplied from the battery, regulated to 12VDC for driving every
MOSFET and then 3.3 VDC for the MCU and its peripherals.
●
Battery charger - a DC/DC converter using buck topology. It converts solar energy to
electricity and stores the electricity in the battery.
●
LED lamp driver - a DC/DC converter using flyback topology in order to drive the LED
lamp and provide even illumination.
●
Driver - generates gate voltage in order to drive every MOSFET properly in the battery
charger and the LED lamp driver including KCHG.
●
Protection circuits - OVP, UVP, OCP, OTP (through the temperature sense block) and
reverse-connection protection for the battery and the LED lamp.
●
MCU - the microcontroller includes the human machine interfaces (HMI), the DIP
switch for the selection of the operating time schedule and the indicators of the
debugging status. The software routines for OVP, UVP, OCP and OTP are implemented
in the MCU.
Figure 3.
System block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com