Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2946 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 5Page - STMicroelectronics AN2946 Datasheet HTML 6Page - STMicroelectronics AN2946 Datasheet HTML 7Page - STMicroelectronics AN2946 Datasheet HTML 8Page - STMicroelectronics AN2946 Datasheet HTML 9Page - STMicroelectronics AN2946 Datasheet HTML 10Page - STMicroelectronics AN2946 Datasheet HTML 11Page - STMicroelectronics AN2946 Datasheet HTML 12Page - STMicroelectronics AN2946 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
AN2946
General description
Doc ID 15473 Rev 2
9/38
discharged. In order to prolong battery operating life, the charging current is
constrained at Imax = 0.5 A.
●
Stage 2 (high-current bulk charging): 11 V
≤ U
BAT < 14.3 V. In this stage, the battery is
charged with the maximum power of the PV module. The charging current (Imp) may
not be constant.
●
Stage 3 (floating charging): UBAT ≥ 14.3 V. In this stage, battery is charged at constant
voltage (14.3 V).
The voltage values 11 V and 14.3 V define the boundaries of the stages that are based on
the characteristics of a typical 12 V lead acid battery. The voltage needed depends on the
type of battery.
2.4.2
LED lamp driving management
During nighttime, normally the ambient light is weak, the LED lamp lights for N hours. The
determined light-on duration (N hours) can be set by selecting a switch, DIP1~4. The
controller turns on/off the LED lamp to automatically correspond to the ambient light.
Figure 5 illustrates how the controller turns on the LED lamp. The DIP switch also provides a
test mode to test the LED lamp.
Figure 5.
LED lamp driving scheme
2.4.3
System monitoring circuit
The microcontroller (MCU) provides a real-time system monitoring for the controller,
including:
●
Error detection/protection for solar module output voltage (USC), battery voltage(UBAT),
LED lamp voltage(ULED), battery charging current (IBAT) and LED lamp current(ILED)
●
Temperature detection for the operating temperature of the battery, MOSFET and LED
lamp
●
System self-recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com