Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3057 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3057 Datasheet HTML 5Page - STMicroelectronics AN3057 Datasheet HTML 6Page - STMicroelectronics AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics AN3057 Datasheet HTML 10Page - STMicroelectronics AN3057 Datasheet HTML 11Page - STMicroelectronics AN3057 Datasheet HTML 12Page - STMicroelectronics AN3057 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN3057
Recommendations when developing the M24LRxx application software
Doc ID 16239 Rev 4
9/15
3
Recommendations when developing the M24LRxx
application software
The application software has to take into account that a command might not be executed if
the other channel (I²C or RF) is already processing a command. The application software
should therefore check the M24LRxx busy status before sending a command.
3.1
Issuing a command through the I²C channel
3.1.1
I²C request while the RF channel is busy
If the M24LRxx is processing a command from the RF channel, no command issued on the
I²C bus will be executed, therefore none of the bytes transmitted on the I²C bus will be
acknowledged (NoAck). This information can be considered as the RF busy state(a) and the
application’s I²C software should include a polling loop on the RF busy state (with a timeout
limit) when issuing a command on the I²C bus. In this way, the I²C command can be
completed once the RF command under process has completed.
Figure 8.
I²C polling when the RF channel is processing a command
a.
In the same way as during an internal write cycle, the M24LRxx is “busy” during tW (please refer to the
M24LRxx datasheet for more details about the polling loop during tW).
RF command
in progress
ai17342
Start condition
Device select
with RW = 0
ACK
returned
YES
NO
Data for the
Write operation
Device select
with RW = 1
Send address
and receive ACK
First byte of the
I²C command
(with RW bit= 0) is
now decoded by the
M24LR64-R
YES
NO
Start
condition
Continue the
Write operation
Continue the
Random Read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com