Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3057 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3057 Datasheet HTML 1Page - STMicroelectronics AN3057 Datasheet HTML 2Page - STMicroelectronics AN3057 Datasheet HTML 3Page - STMicroelectronics AN3057 Datasheet HTML 4Page - STMicroelectronics AN3057 Datasheet HTML 5Page - STMicroelectronics AN3057 Datasheet HTML 6Page - STMicroelectronics AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN3057
RF - I²C arbitration mechanism description
Doc ID 16239 Rev 4
5/15
2
RF - I²C arbitration mechanism description
The M24LRxx arbitration circuitry is twofold. It contains:
●
a power management unit that handles the power coming potentially from the RF or the
I²C side
●
a communication arbitration unit that tackles potential concurrent communications from
the RF and the I²C sides
2.1
Communications and power supply conditions
The power supply management unit has been designed to allow for flexibility, especially
when both the RF power and the wired power line are active at the same time.
The basic principle is:
●
When supplied only from the RF side:
–
the M24LRxx can be accessed only by the RF reader
●
When supplied from both the VCC pin and the RF field:
–
the M24LRxx will serve the first decoded command (either RF or I²C) and will not
decode any command from the other interface (either I²C or RF) until the first
decoded command is complete.
Table 2.
Four possible combinations of power supply sources
Possible
cases
VCC
RF field
Actions
Case 1
0 V or not
connected
Off
The M24LRxx is reset.
Case 2
0 V or not
connected
On
RF data transfers: yes
I²C data transfers: no
Case 3
On(1)
1.
VCC is “On” when the value is between VCCmin and VCCmax. Please refer to the M24LRxx datasheet for
full details.
On
RF data transfers: yes
I²C data transfers: yes
(see Section 2.2: Communication
arbitration when the RF and I²C channels
are both active for details).
Case 4
On(1)
Off
RF data transfers: no
I²C data transfers: yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com