Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3129 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3129
Description  Real-time performance using FIQ interrupt handling in SPEAr MPUs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3129 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3129 Datasheet HTML 3Page - STMicroelectronics AN3129 Datasheet HTML 4Page - STMicroelectronics AN3129 Datasheet HTML 5Page - STMicroelectronics AN3129 Datasheet HTML 6Page - STMicroelectronics AN3129 Datasheet HTML 7Page - STMicroelectronics AN3129 Datasheet HTML 8Page - STMicroelectronics AN3129 Datasheet HTML 9Page - STMicroelectronics AN3129 Datasheet HTML 10Page - STMicroelectronics AN3129 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN3129
IRQ latency measurement
Doc ID 16927 Rev 1
7/12
8, 35
9, 29
10, 13
11, 0
……
……
198, 0
199, 0
200, 0
3.
To stop statistics capture, use one of the following commands (depending on the
mode):
–
#echo 0 > irq_mode
or
–
#echo 0 > fiq_mode
Once the mode stopped, the timer is stopped and the IRQ handling is deactivated. Also the
statistics are cleared.
4.2
Module internals
The module uses a general purpose hardware timer to raise an IRQ/FIQ and capture the
ticks elapsed. The timer automatically reloads itself after raising an interrupt. In this way
when the IRQ handler reads the timer value, this value is the exact measurement of the
system latency for handling this IRQ.
Depending upon the choice of IRQ handling mechanism (IRQ or FIQ), the corresponding
selection is made in VIC handling. FIQ registration and de-registration is part of the
standard Linux kernel.
Timer (GPT) interval: 1 millisecond
Timer tick interval: 1/48 microsecond
Interrupt handler latency frequency counter is captured from 0 to 9600 ticks. This
corresponds to a range of 0 to 200 microseconds. This frequency range is sufficient for
determining the interrupt latency performance.
4.3
Performance measurements
The details of setup used for making the measurements are:
●
Kernel: Linux kernel version 2.6.27
●
Board: SPEAr Plus 600 application board
●
CPU: ARM core running @333 MHz
●
RAM: 128 MB DDR2 running @333 MHz
●
Flash: 8 MB NOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com