Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3132 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3132
Description  Configuring the SPEAr600
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3132 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3132 Datasheet HTML 5Page - STMicroelectronics AN3132 Datasheet HTML 6Page - STMicroelectronics AN3132 Datasheet HTML 7Page - STMicroelectronics AN3132 Datasheet HTML 8Page - STMicroelectronics AN3132 Datasheet HTML 9Page - STMicroelectronics AN3132 Datasheet HTML 10Page - STMicroelectronics AN3132 Datasheet HTML 11Page - STMicroelectronics AN3132 Datasheet HTML 12Page - STMicroelectronics AN3132 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3132
DDR overview
Doc ID 16955 Rev 1
9/24
For example, the situation for the cut 128 Mb x 8 in eight and four bank mode is shown
below:
●
128 Mb x 8 (eight bank mode, all 3 bank address bits are used)
–
User_address [0] = datapath;
–
User_address [10:1] = column address;
–
User_address [13:11] = bank address;
–
User_address [27:12] = row address;
–
User_address [28] = chip select;
●
128 Mb x 8 (four bank mode, only 2 bits are used for the bank address)
–
User_address [0] = datapath;
–
User_address [10:1] = column address;
–
User_address [12:11] = bank address;
–
User_address [26:13] = row address;
–
User_address [27] = chip select;
SPEAr600 supports DDR1 and DDR2 devices. The memory controller needs to be
configured once at system startup depending on the memory type, size, and vendor and on
the frequency you want to work with.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com