| Electronic Components Datasheet Search |
|
AN3132 Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3132 Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 24 page ![]() AN3132 SPEAr600 memory controller overview Doc ID 16955 Rev 1 3/24 1 SPEAr600 memory controller overview In the SPEAr600 embedded MPU, different memory controllers provide interfaces between the system elements/blocks and external memory. The MPMC multi-port memory controller is used for interfacing DDR (double data rate) synchronous dynamic RAM (SDRAM). It is also responsible for reliable read-write operations to the memory. In a powerful system like SPEAr600, there are several system elements which may need to communicate with external DDR memory at any time to increase system efficiency. This is possible because the memory provides data at very high speed and system elements need time to process that data, so this time can be utilized by other system elements to transfer data to/from the memory. For example, during the time that the CPU processes some data or instructions, another master interface (CPU or DMA) can read or write to the memory. This can be handled by the MPMC’s multi-port capablity. For maximum flexibility the MPMC has one AHB slave port to configure the memory controller registers and seven AHB slave ports for data. Figure 1: SPEAr600 architecture gives an overview of the SPEAr600, showing the connections between the SDRAM controller AHB data ports (M0,..,M6) and the various subsystems of the design. Figure 1. SPEAr600 architecture In order to understand how the various IPs interact with the external memory through the multi-port memory controller, the table below shows the driving masters present in SPEAr600 and the corresponding memory controller AHB slave data port. SRAM 32 KB SRAM 32 KB Q P O N M L F G H Cell array (application configurable) ARM926EJS 16 KI/16 KD coprocessor cache Tcm I/D I D CPU1 ARM926EJS 16 KI/16 KD coprocessor cache Tcm I/D I D CPU2 ARM subsystem APB Int ctr GPIO Tmr ARM subsystem APB Int ctr GPIO Tmr MPMC DDR1-2 1 2 4 5 125 1234 1235 123 123 Multilayer bus interconnection matrix UART UART SPI SPI I2C JPEG (Codec) Flash NAND RAM (8 KB) IrDA Low-speed connect Tmr Tmr GPIO SPI ADC Tmr WDG RTC GPIO Sys Ctr Misc DMA (8 channels) CLCD controller ROM (32 KB) Flash serial Eth. GMAC USB2.0 Device USB2.0 Host USB2.0 Host Application subsystem Basic subsystem HS connect. A B C D Common subsystems E Mtx SRAM 32 KB SRAM 32 KB R Configurable cell array subsystem SPEArPLUS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |