Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3137 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 3Page - STMicroelectronics AN3137 Datasheet HTML 4Page - STMicroelectronics AN3137 Datasheet HTML 5Page - STMicroelectronics AN3137 Datasheet HTML 6Page - STMicroelectronics AN3137 Datasheet HTML 7Page - STMicroelectronics AN3137 Datasheet HTML 8Page - STMicroelectronics AN3137 Datasheet HTML 9Page - STMicroelectronics AN3137 Datasheet HTML 10Page - STMicroelectronics AN3137 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AN3137
STM8L/STM8AL ADC internal hardware
Doc ID 16983 Rev 3
7/42
1
STM8L/STM8AL ADC internal hardware
STM8L/STM8AL microcontrollers can include an ADC. This ADC peripheral is used to
measure analog signals from external signal sources.
1.1
ADC principle
The ADC in STM8L/STM8AL microcontrollers is a switched-capacitor type. This ADC type
uses the SAR (successive approximation register) principle, by which the conversion is
performed in several steps. The number of conversion steps is equal to the number of bits in
the ADC converter.
The following figures (Figure 1 to Figure 6) explain the principle of ADC operation. They are
based on a 10-bit ADC example (whereas STM8L/STM8AL devices contain a 12-bit ADC).
The example given below shows only the first steps of approximation but the process
continues till the LSB is reached.
Figure 1.
Basic schematic of switched-capacitor 10-bit ADC
1.
Basic ADC schematic with digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com