Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3139 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 5Page - STMicroelectronics AN3139 Datasheet HTML 6Page - STMicroelectronics AN3139 Datasheet HTML 7Page - STMicroelectronics AN3139 Datasheet HTML 8Page - STMicroelectronics AN3139 Datasheet HTML 9Page - STMicroelectronics AN3139 Datasheet HTML 10Page - STMicroelectronics AN3139 Datasheet HTML 11Page - STMicroelectronics AN3139 Datasheet HTML 12Page - STMicroelectronics AN3139 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
AN3139
STM8L family compatibility
Doc ID 16993 Rev 3
9/63
1.2
Fully compatible blocks
The STM8L family embeds a set of system blocks which are by definition common to all
products. Those blocks are identical, so they have the same structure, registers and control
bits. There is no need to perform any software change to keep the same functionality at the
application level after migration. When external components are needed (e.g. Vcap
capacitor) no change is required from one product to another. All the features and behaviors
remain the same. These blocks are shown in Figure 1: STM8L family block diagram.
Fully compatible parts and peripherals are:
●
STM8 core
●
Debug / SWIM module
●
Power-on reset (POR)
●
Voltage regulator
●
Low speed internal RC (LSI)
●
High speed internal RC (HSI)
●
Independent watchdog
●
Timers (TIM2, TIM3 and TIM4)
●
IR (infrared interface)
1.3
Blocks that are compatible with minor exceptions
Some of the peripherals or functional blocks can have differences in their electrical
parameters, structure, registers, control bits or other minor aspects but not in their main
functionality.
SPI
SPI
SPI1
SPI1
SPI1/SPI2
USART
USART
USART1
USART1
USART1/USART2/USART3
LCD
Not available
Yes
Yes
Yes
AES
Not available
Not available
Not available
Yes(1)
1.
Available on high-density STM8L16x devices only.
Table 1.
Overview of STM8L family peripherals (continued)
Peripheral
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium
density
STM8L15x
Medium+/High density STM8L15x/
High density STM8L16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com