Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3139 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3139
Description  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 26Page - STMicroelectronics AN3139 Datasheet HTML 27Page - STMicroelectronics AN3139 Datasheet HTML 28Page - STMicroelectronics AN3139 Datasheet HTML 29Page - STMicroelectronics AN3139 Datasheet HTML 30Page - STMicroelectronics AN3139 Datasheet HTML 31Page - STMicroelectronics AN3139 Datasheet HTML 32Page - STMicroelectronics AN3139 Datasheet HTML 33Page - STMicroelectronics AN3139 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
Block-by-block compatibility analysis
AN3139
30/63
Doc ID 16993 Rev 3
circuits. Up to two VDDIO / VSSIO pin pairs are used as well as the main VDD / VSS digital
supply pair, depending on the pin-count:
●
Both VDDIO pairs are present in the 48-pin package in the STM8L15x/STM8L16x sub-
family.
●
Only one VDDIO pin is available to supply power to the I/Os in the STM8L10x and
STM8L15x/STM8L16x sub-families from 32-pin packages to 20-pin packages.
The total output current is limited by the number of supply pins. The total output current
capability declines for smaller packages, regardless of the number of I/Os with high-sink
capability.
In the medium, medium+ and high density STM8L15x/STM8L16x devices,, the VLCD pin for
connecting the external voltage source for the LCD is present on the 48-pin and 32-pin
packages when the LCD is available.
3.1.2
ADC power supply and voltage reference
The analog power supply design includes an extra power supply for the analog parts of the
microcontroller and an external reference voltage connected via an extra pin pair.
●
The VDDA/VSSA and the VREF+/VREF- analog supply pin pair are present on the 28-pin
and 48-pin packages in the STM8L15x/STM8L16x sub-family. Without these pins, it is
not possible to use the ADC zooming function feature (see Section 3.4: ADC modes for
more details).
●
For the rest of the STM8L15x/STM8L16x sub-family (32-pin package) the ADC
reference is taken from the main analog supply VDDA.
Note:
As the ADC is not present in the STM8L10x family, VDDA/VSSA and VREF+/VREF analog
supply pins are not available on packages for this family.
3.1.3
Alternate functions
The main purpose of the alternate feature concept is to keep the microcontroller
configurable for different user and application needs. This is especially important and useful
in low pin-count packages.
Default alternate functions can be enabled on dedicated pins by settings in the peripheral
registers.
In the STM8L15x/STM8L16x sub-family, a large number of alternate functions can be
remapped to other pins by programming the system configuration controller registers.
Consequently, many functions that would otherwise be lost by migrating to a smaller
package size are preserved by remapping alternate functions to the remaining pins. For
more details on pinout and packages, please refer to the related datasheet.
3.2
GPIO and peripheral registers
3.2.1
Mapping overview
The space for the GPIO and peripheral registers is mapped in the memory area between
addresses 0x5000 and 0x57FF. The register blocks for each peripheral available in the sub-
family have the same start addresses and the same register names.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com