Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3168 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 5Page - STMicroelectronics AN3168 Datasheet HTML 6Page - STMicroelectronics AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN3168
Triggering circuits
Doc ID 17193 Rev 1
9/20
2.5
SCR triggering circuit with negative power supply
In the previous section, it has been demonstrated that choosing a negative power supply is
the best solution to control Triac or ACS / ACST. But in some applications, an electronic
circuit may have to control both Triac and SCR. And SCR can only be triggered by sourcing
a current to the gate.
Such applications are encountered when a switch has to control a DC load on the mains.
This occurs for example for some pumps used in coffee machines, which feature an internal
diode (see Figure 9). Also some magnetic door locks can be controlled only during one half
cycle. Then an SCR can be a cheaper solution than a Triac.
The circuit has then to be modified to allow the SCR to be triggered from a negative power
supply. The schematic in Figure 9 shows the addition of a PNP transistor (Q1), a low-voltage
diode (D1), a resistor (R2) and a capacitor (C1). This schematic is similar to the schematic
used to trigger Triacs with a positive power supply [see Reference 2].
The circuit operation is the following:
1.
Q1 is OFF, C1 capacitor is charged thanks to D1 and R3.
2.
Q1 is switched on by the “CTRL” signal, C1 capacitor is discharged through R2, the
SCR gate and Q1. A positive gate current pulse is then applied and the SCR switches
on.
C2 capacitor is used to increase the dV/dt immunity of X1 SCR, which is a very sensitive
device (IGT < 200 µA for X00602 devices).
The gate pulse width has to be set by the values of R2 and C1. The point is to keep the gate
current above max. IGT up to the moment the anode current (IT) is above the maximum
latching current. For example, for the X00602, IL can reach up to 7 mA for a -20 °C junction
temperature.
With the load used in this application, a gate current pulse width longer than 200 µs (tp) is
required to reach 7 mA on IT. With the component values given in Figure 9, X1 gate current
remains above 2.4 mA during the whole “CTRL” pulse which lasts 400 µs (see Figure 10).
This allows correct operation even for very low ambient temperature operation.
Note:
As gate current is very low, it can be estimated using the value of VD (see Figure 10),
IG
≈ (V
D - 0.6 V) / R2
Figure 9.
Drive schematic to trigger an SCR with a negative power supply
R1
R2
1k
R3
20k
C1
470n
C2
10n
D1
D1N4448
Q1
PN2907
X1
X00602MA
CTRL
R4
1k
R5
1k
D2
Vac
5V
L1
LOAD
V T
I T
V D
V CTRL
I T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com