Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3168 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3168 Datasheet HTML 1Page - STMicroelectronics AN3168 Datasheet HTML 2Page - STMicroelectronics AN3168 Datasheet HTML 3Page - STMicroelectronics AN3168 Datasheet HTML 4Page - STMicroelectronics AN3168 Datasheet HTML 5Page - STMicroelectronics AN3168 Datasheet HTML 6Page - STMicroelectronics AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN3168
Triggering quadrants and key parameters
Doc ID 17193 Rev 1
5/20
These parameters are specified at 25 °C and vary with the junction temperature as shown in
Figure 4. The IGT, VGT and IL variations are the same for most devices, except for sensitive
and low current SCRs (P0102BL, P01, X06, X02, X04 and TS420 series) and for ACS /
ACST devices.
Figure 4.
Typical variations of the triggering gate current, the triggering gate
voltage and the latching current versus the junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
140
160
I
GT
I
GT
I
L
I
L
T (°C)
C
I , V , I [T ] / I , V
[T = 25 °C]
GT
GT
L
j
GT
GT
j
,I
L
V
GT
V
GT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com