Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3171 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3171 Datasheet HTML 5Page - STMicroelectronics AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics AN3171 Datasheet HTML 10Page - STMicroelectronics AN3171 Datasheet HTML 11Page - STMicroelectronics AN3171 Datasheet HTML 12Page - STMicroelectronics AN3171 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN3171
M24LR64-R memory organization
Doc ID 17229 Rev 1
9/14
3.1.3
Read
The M24C64 and M24LR64-R are read identically (from the I²C bus).
3.1.4
I²C Present Password
It is a command specific to the M24LR64-R. Figure 5 shows the command sequence.
To write data to a locked sector or the system memory, the system has to present the correct
password. This is done using the I²C Present Password command. With this command, you
can:
●
In User memory (see Figure 4: M24LR64-R’s user and system memories):
–
write data to the write-protected sector(s)
●
In System memory (see Figure 4: M24LR64-R’s user and system memories):
–
modify each I²C_Write_Lock bit
–
modify each RF block Security bit
–
read the I²C password
The password is 32 bits long.
Figure 5.
I2C Present Password command
3.1.5
I²C Write Password
This command also is specific to the M24LR64-R. Figure 6 shows the command sequence.
The I²C Write Password command is used to change the I²C password. It has to be
preceded by a correct I²C Present Password sequence, otherwise it is not executed.
ai15125b
Device select
code
Password
address 09h
Password
address 00h
Password
[31:24]
Ack
R/W
Ack
Ack
Ack
Device select code = 1010 1 E1 E0
Password
[23:16]
Password
[15:8]
Password
[7:0]
Ack
Ack
Ack
Ack generated during 9th bit time slot.
Validation
code 09h
Ack
Password
[31:24]
Ack
Password
[23:16]
Password
[15:8]
Password
[7:0]
Ack
Ack
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com