Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3171 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3171
Description  The purpose of this application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3171 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3171 Datasheet HTML 1Page - STMicroelectronics AN3171 Datasheet HTML 2Page - STMicroelectronics AN3171 Datasheet HTML 3Page - STMicroelectronics AN3171 Datasheet HTML 4Page - STMicroelectronics AN3171 Datasheet HTML 5Page - STMicroelectronics AN3171 Datasheet HTML 6Page - STMicroelectronics AN3171 Datasheet HTML 7Page - STMicroelectronics AN3171 Datasheet HTML 8Page - STMicroelectronics AN3171 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN3171
Hardware considerations
Doc ID 17229 Rev 1
5/14
1
Hardware considerations
1.1
Pinout comparison
Figure 1 and Figure 2 show the logic diagrams and the pinouts of the M24LR64-R and
M24C64 devices, respectively.
Figure 1.
M24LR64-R and M24C64 logic diagrams
M24LR64-R AC0/AC1 pins: due to its RF capability, the M24LR64-R dual interface
EEPROM features two inputs (AC0 and AC1) to connect the RF antenna.
Consequently, two inputs present in the M24C64 are not offered in the M24LR64-R: these
are E2 and Write Control (WC).
Practically, this means that you will be able to use up to four M24LR64-R devices (defined by
E0, E1) on the same I²C bus, compared to eight devices (defined by E0, E1, E2) for the
M24C64.
The Write Control input (WC) is used to write-protect the M24C64. The M24LR64-R can
also be protected but in a different way, using the I2C_Write_Lock bits.
Figure 2.
M24LR64-R and M24C64 pinouts
Figure 2 shows that the four mandatory pins for the I²C bus (VSS, VCC, SCL, SDA) are
positioned likewise in the two devices.
AC0 and AC1 are connected to pin 2 and pin 3, respectively. They have to be next to each
other for RF capability requirements. As a result, E1 was moved to pin 7 in the M24LR64-R,
whereas it is connected to pin 2 in the M24C64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com