Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3181 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 5Page - STMicroelectronics AN3181 Datasheet HTML 6Page - STMicroelectronics AN3181 Datasheet HTML 7Page - STMicroelectronics AN3181 Datasheet HTML 8Page - STMicroelectronics AN3181 Datasheet HTML 9Page - STMicroelectronics AN3181 Datasheet HTML 10Page - STMicroelectronics AN3181 Datasheet HTML 11Page - STMicroelectronics AN3181 Datasheet HTML 12Page - STMicroelectronics AN3181 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN3181
Compliance with IEC and VDE standards
Doc ID 17286 Rev 2
9/31
The user can include a part or all of these VDE certified software modules into his project. If
the modules stay unchanged and are integrated in accordance with the guidelines provided
in this application note, development time and costs to have end-application certification
would be significantly reduced.
2.2
Application specific tests
The user should be aware that the following are also required for Class B certification but
are not included in the ST firmware library:
●
Analog: ADC/DAC & multiplexer
●
I/Os
●
Interrupts and external communication
●
Timing
●
External addressing
Table 3.
Overview of methods used in micro-specific tests provided with this
application note
Components to be
verified
Method used
CPU registers
Functional test A, X and Y registers, flags and stack pointer is done at
startup. In the run time flags are not tested. Stack pointer is tested for
overflow and underflow. If any error is found, the software jumps directly
to the Fail Safe routine.
Program counters
Two different watchdogs driven by two independent clock sources can
reset the device when the program counter is lost. The Window watchdog
(driven by main oscillator) performs time slot monitoring(1)while the
Independent one (driven by low speed internal RC oscillator) is
impossible to disable once enabled. Both watchdogs must be serviced at
regular intervals. Program control flow is monitored by specific software
method, additionally. (see Section 3.1.3).
1.
Window WDG feature is not available at STM8L10x devices.
Addressing and data
path
This is tested indirectly by RAM functional and Flash integrity tests, stack
overflow (a specific pattern is written at a low boundary of stack space
and checked for corruption at regular intervals) and underflow (a second
pattern is written at a high boundary if it is not at the RAM end).
Clock
Two independent internal frequencies are used for the dedicated timer
clock and they are verified by reciprocal comparison. One frequency is fed
into the dedicated timer while the other gates it.
Non-volatile memory
A 16-bit CRC software checksum test of the entire memory is done at
startup and a partial memory test is repeated at runtime (block by block).
Variable memory space
March C- (March X optionally) full memory test is done at startup. Partial
memory test is repeated at run time (block by block). Word protection with
double inverse redundancy (inverse values stored in non-adjacent
memory space) is used for safety critical Class B variables. Class A
variable space, stack and unused space are not tested at run time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com