Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3216 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 3Page - STMicroelectronics AN3216 Datasheet HTML 4Page - STMicroelectronics AN3216 Datasheet HTML 5Page - STMicroelectronics AN3216 Datasheet HTML 6Page - STMicroelectronics AN3216 Datasheet HTML 7Page - STMicroelectronics AN3216 Datasheet HTML 8Page - STMicroelectronics AN3216 Datasheet HTML 9Page - STMicroelectronics AN3216 Datasheet HTML 10Page - STMicroelectronics AN3216 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID17496 Rev 7
7/33
AN3216
Power supplies
32
2
Power supplies
2.1
Introduction
Digital power voltage (VCORE) is provided with an embedded linear voltage regulator with
three different programmable ranges from 1.2 to 1.8 V.
To be fully functional at full speed, the device requires a 2.0 to 3.6 V operating voltage
supply (VDD), making possible to reach the digital power voltage VCORE of 1.8 V (product
voltage range 1).
Product voltage range 2 (VCORE = 1.5 V) and 3 (VCORE = 1.2 V) can be selected when the
VDD operates from 1.65 to 3.6 V. Therefore, frequency is limited to 16 MHz and 4 MHz
respectively.
When the ADC and brownout reset (BOR) are not used, the device can operate at power
voltages below 1.8 V down to 1.65 V.
Figure 1. Power supply overview
Note:
VDDA and VSSA must be connected to VDD and VSS, respectively.
VDD
VSS
ai17469
(VDD) VDDA
(VSS) VSSA
ADC
DAC
Reset block
PLL
(from 1.8 V up to VDDA) VREF+
(must be tied to VSSA) VREF-
VLCD
I/O supply
VDDA domain
VDD domain
Standby circuitry
(wakeup logic,
IWDG, RTC,
LSE crystal
32 Kbyte osc
RCC CSR)
Voltage regulator
dynamic voltage
scaling
LCD
Vcore domain
Core
memories
digital
peripherals
Temp. sensor
Step-up
converter
VSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com