Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3216 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 5Page - STMicroelectronics AN3216 Datasheet HTML 6Page - STMicroelectronics AN3216 Datasheet HTML 7Page - STMicroelectronics AN3216 Datasheet HTML 8Page - STMicroelectronics AN3216 Datasheet HTML 9Page - STMicroelectronics AN3216 Datasheet HTML 10Page - STMicroelectronics AN3216 Datasheet HTML 11Page - STMicroelectronics AN3216 Datasheet HTML 12Page - STMicroelectronics AN3216 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID17496 Rev 7
9/33
AN3216
Power supplies
32
2.1.2
Independent LCD supply
The VLCD pin is provided to control the contrast of the glass LCD. This pin can be used in
two ways:
•
It can receive, from an external circuitry, the desired maximum voltage that is provided
on the segment and common lines to the glass LCD by the microcontroller.
•
It can also be used to connect an external capacitor that is used by the microcontroller
for its voltage step-up converter. This step-up converter is controlled by software to
provide the desired voltage to the segment and common lines of the glass LCD. Refer
to the specific product datasheet for the capacitor value.
The voltage provided to the segment and common lines defines the contrast of the glass
LCD pixels. This contrast can be reduced when the dead time between frames is
configured.
2.1.3
Voltage regulator
The internal voltage regulator is always enabled after reset. It can be configured to provide
the core with three different voltage ranges. Choosing a range with low Vcore reduces the
consumption but lowers the maximum acceptable core speed. Consumption ranges in
decreasing consumption order are as follows:
•
Range 1, available only for VDD above 2.0 V, allows maximum speed
•
Range 2 allows CPU frequency up to 16 MHz
•
Range 3 allows CPU frequency up to 4 MHz
Voltage regulator works in three different modes depending on the application modes.
•
In Run mode, the regulator supplies full power to the Vcore domain (core, memories
and digital peripherals).
•
In Stop mode, Low power run and Low power wait modes, the regulator supplies low
power to the Vcore domain, preserving the contents of the registers and SRAM.
•
In Standby mode, the regulator is powered off. The contents of the registers and SRAM
are lost except for those concerned with the Standby circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com