Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3232 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 6Page - STMicroelectronics AN3232 Datasheet HTML 7Page - STMicroelectronics AN3232 Datasheet HTML 8Page - STMicroelectronics AN3232 Datasheet HTML 9Page - STMicroelectronics AN3232 Datasheet HTML 10Page - STMicroelectronics AN3232 Datasheet HTML 11Page - STMicroelectronics AN3232 Datasheet HTML 12Page - STMicroelectronics AN3232 Datasheet HTML 13Page - STMicroelectronics AN3232 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Core preparation
AN3232
10/26
Doc ID 17594 Rev 3
4
Core preparation
By design, the STAC package family does not require complex core preparation, such as
channels, pockets, cavities, etc., assuming a typical PCB thickness is selected for the
application. However, because of the intended use of these packages, some aspects of core
preparation are appropriate. Holes for screws, solder wells, etc., should be slightly
countersunk and/or de-burred to achieve the best performance.
In soft materials such as copper, the tapping operation can lift material above the mounting
surfaces. This may occur on either side of the core layer, so both sides should be inspected.
It is sometimes helpful to fully thread test screws in the holes and tighten, to observe if the
core material is pushed or pulled above the mounting surfaces. If such a mushroom effect is
observed, it is an indication that additional countersinking of the tapped holes is warranted.
It is advised to drill and tap through the entire core layer, whenever possible.
In the case of boltdown mounting of STAC packages, the minimum tapped hole depth
should be 0.12 in (3.0 mm). Depending on the process used to fabricate the core layer, it is
common industry practice to recommend stress relieving the core material, such as an
annealing step before (and sometimes after) the heavy machining steps. This should be
considered whenever there are a large number of cuts, holes, and other machined features
in the core layer. The flatness of the core layer should be inspected after all machining steps
to insure that a buildup of stress has not caused it to become warped or otherwise
deformed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com