Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3250 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3250
Description  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3250 Datasheet HTML 1Page - STMicroelectronics AN3250 Datasheet HTML 2Page - STMicroelectronics AN3250 Datasheet HTML 3Page - STMicroelectronics AN3250 Datasheet HTML 4Page - STMicroelectronics AN3250 Datasheet HTML 5Page - STMicroelectronics AN3250 Datasheet HTML 6Page - STMicroelectronics AN3250 Datasheet HTML 7Page - STMicroelectronics AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN3250
Designing an M24LR64-R multi-bank application
Doc ID 17761 Rev 1
3/16
2
Designing an M24LR64-R multi-bank application
2.1
Accessing several EEPROMs on the same I2C bus
The I2C specification allows the use of several devices on the same I2C bus, and this
reference design follows this specification. Please refer to the I2C specification and to the
M24LR64-R datasheet for more details.
Each device is accessed according to its value defined by the Device Select code.
The M24LR64-R offers two Chip Enable pins, E0 and E1. These signals are used to set the
values that are to be looked for on bits b2 and b1 of the 7-bit Device Select code.
Figure 4.
Logic diagram
Table 1.
Device Select code description
Device type identifier(1)
1.
The most significant bit (b7) is sent first.
Chip Enable address(2)
2.
E0 and E1 are compared against the respective external pins on the memory device.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select code
1010
E2(3)
3.
E2 is not connected to any external pin. It is however used to address the M24LR64-R system area as
described in the datasheet.
E1
E0
RW
Table 2.
Signal descriptions
Signal name
Function
Direction
E0, E1
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
AC0, AC1
Antenna coils
I/O
AI15106b
2
E0-E1
SDA
VCC
M24LR64-R
SCL
VSS
AC0
AC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com