Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3250 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3250
Description  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3250 Datasheet HTML 1Page - STMicroelectronics AN3250 Datasheet HTML 2Page - STMicroelectronics AN3250 Datasheet HTML 3Page - STMicroelectronics AN3250 Datasheet HTML 4Page - STMicroelectronics AN3250 Datasheet HTML 5Page - STMicroelectronics AN3250 Datasheet HTML 6Page - STMicroelectronics AN3250 Datasheet HTML 7Page - STMicroelectronics AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Designing an M24LR64-R multi-bank application
AN3250
4/16
Doc ID 17761 Rev 1
E0 and E1 inputs must be tied to VCC (‘1’) or VSS (‘0’) to establish the Device Select code.
When not connected (left floating), these inputs are read as low (‘0’). Using bits E0 and E1
of the Device Select code, up to four M24LR64-R devices can be accessed on the same I2C
bus. This enables emulation of up to 256 Kbits of EEPROM.
In the configuration example shown in Figure 5, in order to access 256 Kbits of EEPROM,
four 64-Kbit M24LR64-R devices are connected to the same I2C bus and the E0 and E1
signals of each device are assigned in a way to create an unique I2C address for each
specific device.
Figure 5.
Configuration example
M24LR64-R #0 (Bank 0)
Device addressed as (0,0): pin E0 connected to VSS and pin E1 connected to VSS.
M24LR64-R #1 (Bank 1)
Device addressed as (0,1): pin E0 connected to VCC and pin E1 connected to VSS.
VCC
Supply voltage
VSS
Ground
Device type identifier
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select code
1010
E2
00
RW
Device type identifier
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select code
1010
E2
01
RW
Table 2.
Signal descriptions (continued)
Signal name
Function
Direction
Ai12807a
VCC
M24LR64
VSS
E1
E0
0
VCC
M24LR64
VSS
E1
E0
1
VCC
M24LR64
VSS
E1
E0
2
VCC
M24LR64
VSS
E1
E0
3
I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com