Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-20TQ035PbF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-20TQ035PbF
Description  Schottky Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20TQ035PbF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-20TQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 6Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 7Page - Vishay Siliconix VS-20TQ035PbF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-20TQ0..PbF Series, VS-20TQ0..-N3
www.vishay.com
Vishay Semiconductors
Revision: 26-Aug-11
1
Document Number: 94167
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 20 A
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-20TQ... Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
TO-220AC
IF(AV)
20 A
VR
35 V, 40 V, 45 V
VF at IF
0.51 V
IRM max.
105 mA at 125 °C
TJ
150 °C
Diode variation
Single die
EAS
27 mJ
Anode
1
3
Cathode
Base
cathode
2
TO-220AC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 μs sine
1800
A
VF
20 Apk, TJ = 125 °C
0.51
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
20TQ035PbF
VS-
20TQ035-N3
VS-
20TQ040PbF
VS-
20TQ040-N3
VS-
20TQ045PbF
VS-
20TQ045-N3
UNITS
Maximum DC
reverse voltage
VR
35
35
40
40
45
45
V
Maximum working
peak reverse
voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 116 °C, rectangular waveform
20
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1800
10 ms sine or 6 ms rect. pulse
400
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 4 A, L = 3.4 mH
27
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
4A


Similar Part No. - VS-20TQ035PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ035PbF VISHAY-VS-20TQ035PbF Datasheet
169Kb / 7P
Schottky Rectifier, 20 A
26-Aug-11
VS-20TQ035PBF VISHAY-VS-20TQ035PBF Datasheet
133Kb / 7P
Schottky Rectifier, 20 A
Revision: 26-Aug-11
More results

Similar Description - VS-20TQ035PbF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com