Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3364 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3364
Description  Migration and compatibility guidelines for STM32 microcontroller applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3364 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3364 Datasheet HTML 3Page - STMicroelectronics AN3364 Datasheet HTML 4Page - STMicroelectronics AN3364 Datasheet HTML 5Page - STMicroelectronics AN3364 Datasheet HTML 6Page - STMicroelectronics AN3364 Datasheet HTML 7Page - STMicroelectronics AN3364 Datasheet HTML 8Page - STMicroelectronics AN3364 Datasheet HTML 9Page - STMicroelectronics AN3364 Datasheet HTML 10Page - STMicroelectronics AN3364 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN3364
How to migrate across STM32 series
Doc ID 018608 Rev 3
7/17
COMs
SPI(I2S)
up to 3(2)
2
3(2)
2(1)
3(2)
TI mode
No
No
Yes
Yes
Yes
Max freq.
up to 18 Mbits/s
up to16
Mbits/s
up to 15 or 30
Mbits/s
up to 18
Mbits/s
up to 37.5 Mbits/s
Audio freq. 8 kHz up to 96 kHz
No
8 kHz up to 192
kHz
8 kHz to 192
kHz
8 kHz to 192 kHz
I2C
up to 2
2
3
2
2
Max freq.
400 kHz
400 kHz
400 kHz
1Mbit/s
400 kHz
USART
up to 3
3
4
2
4
UART
up to 2
No
2
-
2
Max freq.
2.25 or 4.5 Mbit/s
up to 4 Mbit/s
3.75 or 7.5
Mbit/s
6 Mbit/s
10.5 Mbit/s
USB
USB Device FS
OTG FS
USB Device
FS
OTG FS
OTG HS
No
No
OTG FS
OTG HS
CAN
up to 2
No
2
No
2
SDIO
1
No
1
No
1
CEC
up to 1
No
No
1
No
Ethernet
MAC
Yes w/ HW IEEE
1588 v1
No
Yes w/ HW
IEEE1588 v2
No
Yes w/ HW
IEEE1588 v2
GPIOs
26/37/51/80/112
37/51/83
51/82/114/140
27/39/55
up to 140
12-bit ADC
up to 3
1
3
1
3
Max sampling freq.
1 MSPS
1 MSPS
2 MSPS
1 MSPS
2.4 MSPS
Number of
channels
10/16/21 channels
16/20/24
channels
16/24 channels
16+3
channels
up to 24 channels
12-bit DAC
22
2
1
2
Max sampling freq.
1 MS/s
1 MS/s
1 MS/s
1 MS/s
1 MS/s
Number of
channels
22
2
1
2
Comparators
No
2
No
2
No
LCD (COM x SEG)
No
4x44/ 8x40
No
No
No
DCMI
No
No
Yes
No
Yes
Crypto/hash
processor
No
No
Yes
DES, 3DES,
AES 256-bit,
SHA-1, MD5,
HMAC
No
Yes
DES, 3DES, AES
256-bit, SHA-1,
MD5, HMAC
Table 1.
STM32 series overview (continued)
Peripheral
STM32 series
F1
L1
F2
F0
F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com