Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3364 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3364
Description  Migration and compatibility guidelines for STM32 microcontroller applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3364 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3364 Datasheet HTML 1Page - STMicroelectronics AN3364 Datasheet HTML 2Page - STMicroelectronics AN3364 Datasheet HTML 3Page - STMicroelectronics AN3364 Datasheet HTML 4Page - STMicroelectronics AN3364 Datasheet HTML 5Page - STMicroelectronics AN3364 Datasheet HTML 6Page - STMicroelectronics AN3364 Datasheet HTML 7Page - STMicroelectronics AN3364 Datasheet HTML 8Page - STMicroelectronics AN3364 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
How to migrate across STM32 series
AN3364
4/17
Doc ID 018608 Rev 3
1
How to migrate across STM32 series
1.1
STM32 series general overview
The STM32 platform forms a strong foundation with a broad and growing portfolio. With new
products addressing new applications, the complete STM32 product series now comprises
several series including STM32F0, STM32F1, STM32F2, STM32F4 and STM32L1, each
dedicated to a specific segment:
●
STM32F0: The F0 series bridges the gap with applications using 8- and 16-bit
microcontrollers, enabling advanced high-end features in economical end products.
The F0 series offers unparalleled flexibility and scalability for home-entertainment
products, appliances, and industrial equipment.
●
STM32F1: The general-purpose F1 series addresses a wide range of applications,
from the lowest, price-sensitive designs to computing-intensive, high memory footprint
ones. The F1 series is a complete series whose members are fully pin-to-pin, software
and feature compatible.
–
Low density devices are STM32F101xx and STM32F103xx microcontrollers
where the Flash memory density ranges between 16 and 32 Kbytes.
–
Medium density devices are STM32F101xx and STM32F103xx microcontrollers
where the Flash memory density ranges between 32 and 128 Kbytes.
–
High density devices are STM32F101xx and STM32F103xx microcontrollers
where the Flash memory density ranges between 256 and 512 Kbytes.
–
XL density devices are STM32F101xx and STM32F103xx microcontrollers where
the Flash memory density ranges between 768 Kbytes and 1024 Kbytes.
–
Connectivity line devices are STM32F105xx and STM32F107xx microcontrollers
where the Flash memory density ranges between 64 and 256 Kbytes.
–
Medium density value line devices are STM32F100xx microcontrollers where
the Flash memory density ranges between 64 and 128 Kbytes.
–
High density value line devices are STM32F100xx microcontrollers where the
Flash memory density ranges between 128 and 512 Kbytes.
●
STM32F2: The F2 series provides the highest performance for computing-intensive
applications and advanced connectivity. The F2 series maintains compatibility with the
F1 series.
●
STM32F4: The ARM® Cortex™-M4-based F4 series is an extension of the industry-
leading STM32 portfolio towards even higher performance. Like the STM32 F2 series,
these MCUs leverage ST‘s 90 nm NVM technology and ST’s ART Accelerator™ to
reach the industry’s highest benchmark scores for Cortex-M-based microcontrollers
with 210 DMIPS/469 Coremark executing from Flash memory at 168 MHz operating
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com